Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
5685X Digital Signal Controller User Manual, Rev. 4
8-16
Freescale Semiconductor
8.7.5.7 ESSI1 Receive Data with Exception Status Interrupt Priority Level
(ESSI1_RDES IPL)—Bits 3–2
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.5.8 ESSI0 Transmit Last Slot Interrupt Priority Level
(ESSI0_TLS IPL)—Bits 1–0
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.6 Interrupt Priority Register 5 (IPR5)
Figure 8-8. Interrupt Priority Register 5 (IPR5)
See Programmer’s Sheet on Appendix page B - 29
8.7.6.1 Host I/F Transmit Interrupt Priority Level
(HOST_XMIT IPL)—Bits 15–14
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
Base + $5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
HOST_XMIT
IPL
HOST_RCV
IPL
SCI0_RCV
IPL
SCI0_RERR
IPL
SCI0_RIDL
IPL
SCI0_TIDL
IPL
SCI0_XMIT
IPL
SPI_XMIT
IPL
Write
Reset
000
000000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com