Electronic Components Datasheet Search
  English  ▼

X  

MG996R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MG996R
Description  High Torque Metal Gear Dual Ball Bearing Servo
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MG996R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MG996R Datasheet HTML 1Page - List of Unclassifed Manufacturers MG996R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MG996R High Torque
Metal Gear Dual Ball Bearing Servo
This High-Torque MG996R Digital Servo features metal gearing resulting in extra high 10kg
stalling torque in a tiny package. The MG996R is essentially an upgraded version of the
famous MG995 servo, and features upgraded shock-proofing and a redesigned PCB and IC
control system that make it much more accurate than its predecessor. The gearing and motor
have also been upgraded to improve dead bandwith and centering. The unit comes complete
with 30cm wire and 3 pin 'S' type female header connector that fits most receivers, including
Futaba, JR, GWS, Cirrus, Blue Bird, Blue Arrow, Corona, Berg, Spektrum and Hitec.
This high-torque standard servo can rotate approximately 120 degrees (60 in each direction).
You can use any servo code, hardware or library to control these servos, so it's great for
beginners who want to make stuff move without building a motor controller with feedback &
gear box, especially since it will fit in small places. The MG996R Metal Gear Servo also
comes with a selection of arms and hardware to get you set up nice and fast!
Specifications
• Weight: 55 g
• Dimension: 40.7 x 19.7 x 42.9 mm approx.
• Stall torque: 9.4 kgf·cm (4.8 V ), 11 kgf·cm (6 V)
• Operating speed: 0.17 s/60º (4.8 V), 0.14 s/60º (6 V)


Similar Part No. - MG996R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG995 ETC2-MG995 Datasheet
141Kb / 2P
   MG995 High Speed Servo Actuator
More results

Similar Description - MG996R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG90S ETC2-MG90S Datasheet
149Kb / 2P
   MG90S servo, Metal gear with one bearing
1221R1KL ETC2-1221R1KL Datasheet
327Kb / 2P
   SERVO MOUNT / BALL BEARING
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
   Ball Bearing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com