Electronic Components Datasheet Search
  English  ▼

X  

MG996R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MG996R
Description  High Torque Metal Gear Dual Ball Bearing Servo
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MG996R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MG996R Datasheet HTML 1Page - List of Unclassifed Manufacturers MG996R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Operating voltage: 4.8 V a 7.2 V
• Running Current 500 mA –
• Stall Current 2.5 A (6V)
• Dead band width: 5 µs
• Stable and shock proof double ball bearing design
• Temperature range: 0 ºC –
4.8 V a 7.2 V
– 900 mA (6V)
double ball bearing design
55 ºC


Similar Part No. - MG996R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG995 ETC2-MG995 Datasheet
141Kb / 2P
   MG995 High Speed Servo Actuator
More results

Similar Description - MG996R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG90S ETC2-MG90S Datasheet
149Kb / 2P
   MG90S servo, Metal gear with one bearing
1221R1KL ETC2-1221R1KL Datasheet
327Kb / 2P
   SERVO MOUNT / BALL BEARING
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
   Ball Bearing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com