Electronic Components Datasheet Search
  English  ▼

X  

MG90S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MG90S
Description  MG90S servo, Metal gear with one bearing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MG90S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MG90S Datasheet HTML 1Page - List of Unclassifed Manufacturers MG90S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MG90S servo, Metal gear with one bearing
Tiny and lightweight with high output power, this tiny servo i
Helicopter, Quadcopter or Robot.
durability.
Servo can rotate approximately 180 degrees (90 in each direction), and works just like the
standard kinds but smaller. You can use any servo code, hardware or library to control these
servos. Good for beginners who want to make stuff move without building a motor controller
with feedback & gear box, especially si
(arms) and hardware.
Specifications
• Weight: 13.4 g
• Dimension: 22.5 x 12 x 35.5
• Stall torque: 1.8 kgf·cm (4.8V )
• Operating speed: 0.1 s/60 degree
• Operating voltage: 4.8 V -
• Dead band width: 5 µs
MG90S servo, Metal gear with one bearing
Tiny and lightweight with high output power, this tiny servo is perfect for
, Quadcopter or Robot. This servo has metal gears for added strength and
ervo can rotate approximately 180 degrees (90 in each direction), and works just like the
. You can use any servo code, hardware or library to control these
beginners who want to make stuff move without building a motor controller
with feedback & gear box, especially since it will fit in small places. It comes with a
35.5 mm approx.
(4.8V ), 2.2 kgf·cm (6 V)
degree (4.8 V), 0.08 s/60 degree (6 V)
6.0 V
s perfect for RC Airplane,
r added strength and
ervo can rotate approximately 180 degrees (90 in each direction), and works just like the
. You can use any servo code, hardware or library to control these
beginners who want to make stuff move without building a motor controller
omes with a 3 horns


Similar Part No. - MG90S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG90V2YS40 TOSHIBA-MG90V2YS40 Datasheet
297Kb / 5P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results

Similar Description - MG90S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG996R ETC2-MG996R Datasheet
104Kb / 2P
   High Torque Metal Gear Dual Ball Bearing Servo
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
   Servo - Generic Metal Gear (Micro Size)
6??9??8
logo
List of Unclassifed Man...
1221R1KL ETC2-1221R1KL Datasheet
327Kb / 2P
   SERVO MOUNT / BALL BEARING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com