Electronic Components Datasheet Search
  English  ▼

X  

STC89C52RC Datasheet(PDF) 116 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 116 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 112Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 113Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 114Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 115Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 120Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 165 page
background image
9-Bit UART with Fixed Baud Rate (Mode 2)
When SM1=1 and SM0=0, the serial port operates in mode 2 as a 9-bit UART with a fixed baud rate. 11 bits
are transmitted through TXD or received through RXD. The frame data includes a start bit(0), 8 data bits, a
programmable 9th data bit and a stop bit(1). On transmit, the 9th data bit comes from TB8 in SCON. On receive,
the 9th data bit goes into RB8 in SCON. The baud rate is programmable to either 1/32 or 1/64 the System clock
cycle.
Baud rate in mode 2 =
(2
SMOD/64) x SYSclk
Transmission is initiated by any instruction that uses SBUF as a destination register. The “write to SBUF”
signal also loads TB8 into the 9
th bit position of the transmit shift register and flags the TX Control unit that a
transmission is requested. Transmission actually happens at the next rollover of divided-by-16 counter. Thus the
bit times are synchronized to the divided-by-16 counter, not to the “write to SBUF” signal.
The transmission begins when /SEND is activated, which puts the start bit at TXD. One bit time later, DATA is
activated, which enables the output bit of the transmit shift register to TXD. The first shift pulse occurs one bit
time after that. The first shift clocks a “1”(the stop bit) into the 9
th bit position on the shift register. Thereafter,
only “0”s are clocked in. As data bits shift out to the right, “0”s are clocked in from the left. When TB8 of the data
byte is at the output position of the shift register, then the stop bit is just to the left of TB8, and all positions to the
left of that contains “0”s. This condition flags the TX Control unit to do one last shift, then deactivate /SEND and
set TI. This occurs at the 11
th divided-by-16 rollover after “write to SBUF”.
Reception is initiated by a 1-to-0 transition detected at RXD. For this purpose, RXD is sampled at a rate of
16 times whatever baud rate has been estabished. When a transition is detected, the divided-by-16 counter is
immediately reset, and 1FFH is written into the input shift register.
At the 7
th, 8th and 9th counter states of each bit time, the bit detector samples the value of RXD. The value accepted
is the value that was seen in at least 2 of the 3 samples. This is done to reject noise. In order to reject false bits, if
the value accepted during the first bit time is not a 0, the receive circuits are reset and the unit continues looking
for another 1-to-0 transition. If the start bit is valid, it is shifted into the input shift register, and reception of the
rest of the frame proceeds.
As data bits come in from the right, “1”s shift out to the left. When the start bit arrives at the leftmost position
in the shift register,(which is a 9-bit register in Mode-2 and 3), it flags the RX Control block to do one last shift,
load SBUF and RB8, and set RI. The signal to load SBUF and RB8 and to set RI is generated if, and only if, the
following conditions are met at the time the final shift pulse is generated.:
1) RI=0 and
2) Either SM2=0, or the received 9
th data bit = 1
If either of these two conditions is not met, the received frame is irretrievably lost. If both conditions are met,
the stop bit goes into RB8, the first 8 data bits go into SBUF, and RI is activated. At this time, whether or not the
above conditions are met, the unit continues looking for a 1-to-0 transition at the RXD input.
Note that the value of received stop bit is irrelevant to SBUF, RB8 or RI.
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com