| Electronic Components Datasheet Search |
|
STC89C53RC Datasheet(PDF) 143 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89C53RC Datasheet(HTML) 143 Page - STCmicro Technology Co,.Ltd |
|
143 / 165 page ![]() MOV PSW, #00011000B ;SELECT REGISTER BANK 3 USING 3 PUSH AR7 ;ASSEMBLE TO PUSH 1FH MOV PSW, #00001000B ;SELECT REGISTER BANK 1 USING 1 PUSH AR7 ;ASSEMBLE TO PUSH 0FH Symbol Definition The symbol definition directives create symbols that represent segment, registers, numbers, and addresses. None of these directives may be preceded by a label. Symbols defined by these directives may not have been previously defined and may not be redefined by any means. The SET directive is the only exception. Symbol definiton directives are described below. Segment The format for the SEGMENT directive is shown below. symbol SEGMENT segment_type The symbol is the name of a relocatable segment. In the use of segments, ASM51 is more complex than conventional assemblers, which generally support only "code" and "data" segment types. However, ASM51 defines additional segment types to accommodate the diverse memory spaces in the 8051. The following are the defined 8051 segment types (memory spaces): CODE (the code segment) XDATA (the external data space) DATA (the internal data space accessible by direct addressing, 00H–07H) IDATA (the entire internal data space accessible by indirect addressing, 00H–07H) BIT (the bit space; overlapping byte locations 20H–2FH of the internal data space) • • • • • For example, the statement EPROM SEGMENT CODE declares the symbol EPROM to be a SEGMENT of type CODE. Note that this statement simply declares what EPROM is. To actually begin using this segment, the RSEG directive is used (see below). EQU (Equate) The format for the EQU directive is Symbol EQU expression The EQU directive assigns a numeric value to a specified symbol name. The symbol must be a valid symbol name, and the expression must conform to the rules described earlier. The following are examples of the EQU directive: N27 EQU 27 ;SET N27 TO THE VALUE 27 HERE EQU $ ;SET "HERE" TO THE VALUE OF ;THE LOCATION COUNTER CR EQU 0DH ;SET CR (CARRIAGE RETURN) TO 0DH MESSAGE: DB 'This is a message' LENGTH EQU $ - MESSAGE ;"LENGTH" EQUALS LENGTH OF "MESSAGE" Other Symbol Definition Directives The SET directive is similar to the EQU directive except the symbol may be redefined later, using another SET directive. 143 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |