Electronic Components Datasheet Search
  English  ▼

X  

STC89LE51RC Datasheet(PDF) 142 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 142 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 140Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 141Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 142Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 143Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 144Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 145Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 146Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 165 page
background image
ASSEMBLER DIRECTIVES
Assembler directives are instructions to the assembler program. They are not assembly language instructions
executable by the target microprocessor. However, they are placed in the mnemonic field of the program. With the
exception of DB and DW, they have no direct effect on the contents of memory.
ASM51 provides several catagories of directives:
Assembler state control (ORG, END, USING)
Symbol definition (SEGMENT, EQU, SET, DATA, IDATA, XDATA, BIT, CODE)
Storage initialization/reservation (DS, DBIT, DB, DW)
Program linkage (PUBLIC, EXTRN,NAME)
Segment selection (RSEG, CSEG, DSEG, ISEG, ESEG, XSEG)
•
•
•
•
•
Each assembler directive is presented below, ordered by catagory.
Assembler State Control
ORG (Set Origin)
The format for the ORG (set origin) directive is
ORG
expression
The ORG directive alters the location counter to set a new program origin for statements that follow. A label is
not permitted. Two examples follow.
ORG
100H
;SET LOCATION COUNTER TO 100H
ORG
($ + 1000H) AND 0F00H
;SET TO NEXT 4K BOUNDARY
The ORG directive can be used in any segment type. If the current segment is absolute, the value will be an
absolute address in the current segment. If a relocatable segment is active, the value of the ORG expression is
treated as an offset from the base address of the current instance of the segment.
End
The format of the END directive is
END
END should be the last statement in the source file. No label is permitted and nothing beyond the END statement
is processed by the assembler.
Using
The format of the END directive is
USING expression
This directive informs ASM51 of the currently active register bank. Subsequent uses of the predefined symbolic
register addresses AR0 to AR7 will convert to the appropriate direct address for the active register bank. Consider
the following sequence:
USING 3
PUSH
AR7
USING 1
PUSH
AR7
The first push above assembles to PUSH 1FH (R7 in bank 3), whereas the second push assembles to PUSH 0FH
(R7 in bank 1).
Note that USING does not actually switch register banks; it only informs ASM51 of the active bank.
Executing 8051 instructions is the only way to switch register banks. This is illustrated by modifying the example
above as follows:
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com