Electronic Components Datasheet Search
  English  ▼

X  

STC89LE51RC Datasheet(PDF) 136 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 136 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 135Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 136Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 140Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 165 page
background image
Mnemonic Field
Intruction mnemonics or assembler directives go into mnemonic field, which follows the label field. Examples of
instruction mnemonics are ADD, MOV, DIV, or INC. Examples of assembler directives are ORG, EQU, or DB.
Operand Field
The operand field follows the mnemonic field. This field contains the address or data used by the instruction. A
label may be used to represent the address of the data, or a symbol may be used to represent a data constant. The
possibilities for the operand field are largely dependent on the operation. Some operations have no operand (e.g.,
the RET instruction), while others allow for multiple operands separated by commas. Indeed, the possibilties for
the operand field are numberous, and we shall elaborate on these at length. But first, the comment field.
Comment Field
Remarks to clarify the program go into comment field at the end of each line. Comments must begin with a
semicolon (;). Each lines may be comment lines by beginning them with a semicolon. Subroutines and large
sections of a program generally begin with a comment block—serveral lines of comments that explain the general
properties of the section of software that follows.
Special Assembler Symbols
Special assembler symbols are used for the register-specific addressing modes. These include A, R0 through
R7, DPTR, PC, C and AB. In addition, a dollar sign ($) can be used to refer to the current value of the location
counter. Some examples follow.
SETB
C
INC
DPTR
JNB
TI , $
The last instruction above makes effective use of ASM51's location counter to avoid using a label. It could also be
written as
HERE:
JNB
TI , HERE
Indirect Address
For certain instructions, the operand field may specify a register that contains the address of the data. The
commercial "at" sign (@) indicates address indirection and may only be used with R0, R1, the DPTR, or the PC,
depending on the instruction. For example,
ADD
A , @R0
MOVC A , @A+PC
The first instruction above retrieves a byte of data from internal RAM at the address specified in R0. The second
instruction retrieves a byte of data from external code memory at the address formed by adding the contents of
the accumulator to the program counter. Note that the value of the program counter, when the add takes place, is
the address of the instruction following MOVC. For both instruction above, the value retrieved is placed into the
accumulator.
Immediate Data
Instructions using immediate addressing provide data in the operand field that become part of the instruction.
Immediate data are preceded with a pound sign (#). For example,
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com