Electronic Components Datasheet Search
  English  ▼

X  

TD8201 Datasheet(PDF) 4 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD8201
Description  White LED Step-up Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD8201 Datasheet(HTML) 4 Page - TECHCODE SEMICONDUCTOR, INC.

  TD8201 Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD8201 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
 
 
 
December,  20,  2011                             Techcode  Semiconductor  Limited                           www.techcodesemi.com 
Techcode®
White LED Step-up Converter
TD8201
DATASHEET
Absolute Maximum Ratings 
Symbol
Parameter
Rating
Unit
VIN 
Input Voltage
 
‐0.3~6
 
V
VSW 
VIO 
Voltage at SW Pin
 
‐0.5~25
 
V
All Other I/O Pins
 
GND‐0.3 to VDD+0.3
 
V
PDMAX 
Power Dissipation (Note 2)
 
Internally Limited
 
W
PTR1 
Thermal Resistance,SOT‐23‐6, ΘJA 
220
℃/W
Tstg
 
Storage Temperature
 
‐55 to 150
 
Tsolder
 
Package Lead Soldering Temperature
 
260℃, 10s
 
ESD Susceptibility (Note 3)
 
3
 
kV
 
Recommended Operating Conditions 
Symbol
Parameter
Range
Unit
VIN 
VIN Supply Voltage
 
3 to 5.5
V
 
VSW 
Output Voltage
 
VIN to 20
V
 
TOPT 
Operating Temperature
 
‐40 to +85
 
 
 


Similar Part No. - TD8201

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
TD8203 TECHCODE-TD8203 Datasheet
869Kb / 14P
   White LED Step-up Converter
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
   High Efficiency 1MHz, 2A Step Up Regulator
More results

Similar Description - TD8201

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com