Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 5 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 5 Page - Grenergy Opto, lnc.

  GR6004 Datasheet HTML 1Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
5
GR6004
Typical Performance Characteristics
Feedback Voltage vs. Temperature
VEN vs. IEN
180
185
190
195
200
205
210
215
220
-50 -25
0
25
50
75 100 125
Temperature(
℃ )
0
2
4
6
8
10
12
14
0
1000
2000
3000
4000
5000
I EN(µA)
Quiescent Current vs. Temperature
Switching Frequency vs. Temperature
0.80
0.85
0.90
0.95
1.00
1.05
1.10
-50
0
50
100
150
Temperature(
℃ )
700
720
740
760
780
800
-50
0
50
100
150
Temperature(
℃ )
LED Current vs. PWM Dimming Duty
Switching Frequency vs. VIN
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
PWM Dimming Duty(%)
740
744
748
752
756
760
0
10
20
30
V IN(V)


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com