Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 6 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 6 Page - Grenergy Opto, lnc.

Back Button GR6004 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 10Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
6
GR6004
Typical Performance Characteristics (Cont.)
Efficiency vs. LED Current_1
Efficiency vs. LED Current_2
Efficiency vs. LED Number_1
Efficiency vs. LED Number_2
LED Current Regulation_1
LED Current Regulation_2
ILED=350mA
300
310
320
330
340
350
360
370
380
390
400
1
2
3
4
5
6
7
LED Counts in Serial
VIN=24V
VIN=12V
VIN=24V
VIN=12V
ILED=500mA
450
460
470
480
490
500
510
520
530
540
550
1
2
3
4
5
6
7
LED Counts in Serial
VIN=24V
VIN=12V
VIN=24V
VIN=12V
VIN=12V
75
79
83
87
91
95
0
1
2
3
4
LED Counts in Serial
ILED=350mA
ILED=500mA
ILED=350mA
ILED=500mA
VIN=24V
75
80
85
90
95
100
1
2
3
4
5
6
7
8
LED Counts in Serial
ILED=350mA
ILED=500mA
ILED=350mA
ILED=500mA
3VF
75
77
79
81
83
85
87
89
91
93
95
0
200
400
600
800
1000
I LED(mA)
VIN=12V
VIN=24V
VIN=24V
VIN=12V
70
72
74
76
78
80
82
84
86
88
90
0
200
400
600
800 1000 1200
I LED(mA)
2VF
1VF
2LED
1LED


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com