Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 7 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 7 Page - Grenergy Opto, lnc.

Back Button GR6004 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 10Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 11Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
7
GR6004
Application Information
Start Up Function
The GR6004 has an internal fixed start up period
that is approximately 0.5ms. This function can
prevent the inrush current in power on process.
VCC Regulator
The VCC is the output terminal of the internal
regulator. A ceramic capacitor in this pin for voltage
regulation is required. The capacitance range is
from 0.1µF to 1µF.
Enable Function
An enable function was applied in GR6004. A logic
high cause the GR6004 active and the logic low
disable the operation. The soft start period starts
when the enable signal restarts the operation of
GR6004. Locate a 100K
resistor between EN and
VIN to force the GR6004 operating with the VIN
greater than 9V. If the VIN is between 4.5V to 9V,
connect the EN to VIN directly.
Input Capacitor Selection
The input capacitor must have a rated voltage
greater than the maximum input voltage. The rated
ripple current in RMS of the input capacitor also
must be greater than the RMS value of input current.
The (1) could use to find the RMS value of input
current.
(
)
( )
1
I
D
1
D
I
LED
IN_RMS
=
Where, IIN_RMS is the RMS value of input current, ILED
is the average current of LED.
Inductor Selection
The value of the inductor in the power stage could
find by the inductor current ripple. A reasonable
range of the inductor current ripple is range from
20% to 40% of the output LED driving current. The
(2) could find by observing Figure-1 to calculate the
inductance.
(
) (
)
( )
2
T
V
0.2
V
V
I
K
V
0.2
V
L
S
IN
LED
IN
LED
D5
LED
1
+
+
=
Where, k is the part of ILED in percentage to define
the magnitude of inductor current ripple, TS is the
period of a switching cycle.
Figure-1 The Sketch map explains the inductor current
ripple, inductor voltage, LED current setting and
PWM dimming.
Output Capacitor Selection
The output capacitor could easy find by (3). Besides,
the rated voltage must be greater than the output
voltage.
( )
3
V
8
I
K
T
C
O
LED
S
O
=
Where, ∆VO is the output voltage ripple that
accepted by the users.
Freewheel Diode Selection
Two specifications of freewheel diode must be
considered, the maximum reverse voltage must be
greater than the maximum voltage across the
freewheel diode. The average rectified current also


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com