Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 8 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 8 Page - Grenergy Opto, lnc.

Back Button GR6004 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 10Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 11Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 12Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
8
GR6004
needs to be greater than the IPEAK that shown in the
Figure-1. Where, the IPEAK is the peak current of the
L1.
Compensation
The dominate pole compensation can satisfy the
loop stability of LED driving circuit by use the
GR6004. Locate a capacitor in the COMP could
reach this goal. The compensation capacitance
range is from 1nF to 100nF. This compensation
manner was applied in the normal LED application
with a constant driving current.
PWM Dimming
The PWM dimming function can implement by
adding a pull low switch in the COMP pin. Please
refer the application circuit of Figure-4 to operate in
this function.
Over-current Protection
The GR6004 has over-current protection to limit the
maximum current by restricting the peak value of
inductor current.
Over-temperature Protection
The GR6004 provides an over-temperature
protection function to prevent the system damage.
In the higher ambient temperature situation, the
large power dissipation on the GR6004 could trip
the OTP to turn the GR6004 off. The GR6004 can
operate from stop state when the junction
temperature of the GR6004 drops approximately
50
℃.
PCB Layout Consideration
Figure-2 shows the PCB layout considerations of
GR6004. These guidelines detailed below.
(1) Locate the CIN, D5, L1, CO and RS closely each
other to reduce the current loop of on period
and off period.
(2) Locate the CIN close to GR6004 as possible.
(3) Locate the D5 and L1 to GR6004 as close as
possible.
(4) Locate the C3 to GR6004 as close as possible.
D
L
C
C
VOUT
VIN
GND
R
LED
R
C
C
C
GND
Bottom Layer
Top Layer
CIN
RS
CO
L1
D5
C3
GR6004
ON Period Current Loop
OFF Period Current Loop
D
L
C
C
VOUT
VIN
GND
R
LED
R
C
C
C
GND
Bottom Layer
Top Layer
CIN
RS
CO
L1
D5
C3
ON Period Current Loop
OFF Period Current Loop
GR6004
Exposed Pad
To the ground of CIN
Figure-2 The PCB layout sketch map shown the layout
considerations and the relative locations of the
key components.


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com