Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 1 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 1 Page - Grenergy Opto, lnc.

  GR6004 Datasheet HTML 1Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
1
GR6004
Features
Wide input voltage range from 4.5V to 26V
Maximum efficiency over 95%
1.5A output current for HB LED
0.2V reference voltage for high efficiency
100m
integrated power PMOSFET
Built-in soft start
750KHz fixed switching frequency
Over-current protection
Over-temperature protection
SOP-8/SOP-8-EP package
Lead free and green devices available
Application
MR16 LED lamp
Luminance applications with DC input voltage
LED flashlight
General Description
The GR6004 is a high efficiency constant current
driver for high brightness LED. The 0.2V reference
voltage minimized the power dissipation of the LED
current set resistor that located between FB to GND.
This low reference voltage increases the efficiency
apparently with the one LED load condition. Beside,
a
100m
integrated
power
PMOSFET
only
dissipated a little power in the conduction period. In
order to meet the mini size applications, the small
size inductor and output capacitor usually used
under the 750KHz operating. There are over-
temperature protection (OTP) and over-current
protection (OCP) in GR6004. These protection
functions could prevent GR6004 from damage in
abnormal situations.
Ordering and Marking Information
SOP-8/SOP-8-EP
Code 1
8
9
A
B
G
H
I
J
Year
2008 2009 2010 2011
2016
2017
2018 2019
Code 2
1
2
3
4
9
A
B
C
Month Jan. Feb. Mar.
Apr.
● ●
Sep.
Oct.
Nov.
Dec.
Grenergy OPTO Inc. reserves the right to make changes to improve reliability or manufacture ability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Constant Current Switching Converter for High Brightness
LED Driving


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
   Constant current controller for high brightness LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com