Electronic Components Datasheet Search
  English  ▼

X  

GR6004 Datasheet(PDF) 10 Page - Grenergy Opto, lnc.

Part # GR6004
Description  Constant Current Switching Converter for High Brightness LED Driving
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6004 Datasheet(HTML) 10 Page - Grenergy Opto, lnc.

Back Button GR6004 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 8Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 9Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 10Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 11Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 12Page - Grenergy Opto, lnc. GR6004 Datasheet HTML 13Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2010.04 Ver. 1.01 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
10
GR6004
Typical Application Circuit (Cont.)
Figure-4 The constant current application circuit for LED driving with the external PWM dimming function.
Bill of Material of Figure-4
Designator
Qty.
Description
Package
Part Number
Producer
U1
1
Constant Current
Converter
SO8
GR6004
Grenergy
R1
1
300K /±1%
0603
WR06X3003FTL
WALSIN
RS
1
0.56 /±1%
1206
TZAI YUAN
CIN
1
4.7µF /25V
1206
CM21X5R475K25AJ
Kyocera
C1, C2
2
0.1µF/50V
0603
C1608X7R1H104K
TDK
C3
1
1nF/50V
0603
C1608X7R1H102K
TDK
CO
1
1.0µF/25V
0805
C2012Y5V1C105Z
TDK
L1
1
33µH/0.88A
5 X 5 (mm)
PI0504-330
ECORE
D1
1
2A/40V Schottky Diode
SMA
SS24
LI-SION
M1
1
20VGSS/60VDSS, 100mA
NMOSFET
SOT-23
2N7002
LI-SION


Similar Part No. - GR6004

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
Self-oscillating Half-bridge Power IC
GR6953JG GRENERGY-GR6953JG Datasheet
366Kb / 8P
Self-oscillating Half-bridge Power IC
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
Single Pole Single Throw - Normally Open
GR6HBA318 SENSATA-GR6HBA318 Datasheet
424Kb / 2P
Single Pole Single Throw - Normally Open
More results

Similar Description - GR6004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
Most Suitable Constant Current IC for Driving Full Color LED
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
brightness LED constant current drive controller
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com