Electronic Components Datasheet Search
  English  ▼

X  

GR6953 Datasheet(PDF) 4 Page - Grenergy Opto, lnc.

Part # GR6953
Description  Self-oscillating Half-bridge Power IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6953 Datasheet(HTML) 4 Page - Grenergy Opto, lnc.

  GR6953 Datasheet HTML 1Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 8Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2010.03 Ver. 1.0 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
4
GR6953
Electrical Characteristics
(VCC = 12V, HV = 12V, Cboot = 0.1uF, CL = 1nF, CT = 1nF, Dboot is a ultra fast diode, and Ta = 25°C, unless otherwise
specified. The VIN, VTH and IIN parameters are referenced to SGND = PGND = 0V)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
LOW VOLTAGE SUPPLY CHARACTERISTICS
Rising VCC under-voltage lockout
threshold
VCCUV+
8.1
9.0
9.9
V
Falling VCC under-voltage lockout
threshold
VCCUV-
7.2
8.0
8.8
V
VCC under-voltage lockout
Hysteresis
VCCUVH
0.5
1.0
1.5
V
Micropower startup VCC supply
current
VCC ≤ VCCUV
IQCCUV
50
100
µA
Quiescent VCC supply current
IQCC
160
300
µA
VCC operating voltage
Vop
10
12
18
V
OSCILLATOR I/O CHARACTERISTICS
RT = 36k
19.4
20
20.6
kHz
Oscillator frequency (CT=1nF)
RT = 7.2k
fosc
94
100
106
kHz
RT pin duty cycle
fosc<100kHz
d
48
50
52
%
CT pin current
ICT
0.001
1.0
uA
UV-mode CT pin pulldown current
VCC = 7V
ICTUV
0.25
0.30
0.5
mA
Upper CT ramp voltage threshold
VCT+
8.0
V
Lower CT ramp voltage threshold
VCT-
4.0
V
CT voltage shutdown threshold
VCTSD
4.0
4.1
4.2
V
IRT = 100uA
10
50
mV
High-level RT output voltage, VCC
- VRT
IRT = 1mA
VRT+
100
300
mV
IRT = 100uA
10
50
mV
Low-level RT output voltage
IRT = 1mA
VRT-
100
300
mV
UV-mode RT output voltage
VCC ≤ VCCUV
VRTUV
0
100
mV
IRT = 100uA
mV
VCT = 0V
10
50
mV
IRT = 1mA
mV
SD-Mode RT output voltage, VCC -
VRT
VCT = 0V
VRTSD
100
300
mV


Similar Part No. - GR6953

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004KG GRENERGY-GR6004KG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004PG GRENERGY-GR6004PG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6953

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2153 IRF-IRS2153 Datasheet
336Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com