Electronic Components Datasheet Search
  English  ▼

X  

GR6953 Datasheet(PDF) 6 Page - Grenergy Opto, lnc.

Part # GR6953
Description  Self-oscillating Half-bridge Power IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6953 Datasheet(HTML) 6 Page - Grenergy Opto, lnc.

  GR6953 Datasheet HTML 1Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 8Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2010.03 Ver. 1.0 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
6
GR6953
Typical Performance Characteristics
Temperature (C)
Fig.3
Quiescent VCC supply currentvs. Temperature
-40
0
40
80
120
125
0.1
0.3
0.6
0.9
1.2
1.4
Fig. 5
Rds(on) vs. Temperature
Temperature (°C)
0
0.5
1
1.5
2
2.5
25
45
65
105
125 135
ID=0.2A
VGS=10V


Similar Part No. - GR6953

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004KG GRENERGY-GR6004KG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004PG GRENERGY-GR6004PG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6953

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2153 IRF-IRS2153 Datasheet
336Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com