Electronic Components Datasheet Search
  English  ▼

X  

GR6953 Datasheet(PDF) 1 Page - Grenergy Opto, lnc.

Part # GR6953
Description  Self-oscillating Half-bridge Power IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRENERGY [Grenergy Opto, lnc.]
Direct Link  http://www.grenergy-ic.com/
Logo GRENERGY - Grenergy Opto, lnc.

GR6953 Datasheet(HTML) 1 Page - Grenergy Opto, lnc.

  GR6953 Datasheet HTML 1Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 2Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 3Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 4Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 5Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 6Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 7Page - Grenergy Opto, lnc. GR6953 Datasheet HTML 8Page - Grenergy Opto, lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2010.03 Ver. 1.0 Copyright Grenergy OPTO, Inc. www.grenergy-ic.com
1
GR6953
Features
Integrated half-bridge 440V power MOSFET
Floating
channel
designed
for
bootstrap
operation
Noise immunity of transient voltage
Under-voltage lockout
Programmable oscillator frequency
Matched propagation delay for both channels
Ultra low startup current of 75uA
Shutdown function turns off both channels
Low side output in phase with RT
Applications
Compact fluorescent lamps (CFL)
Description
GR6953 is a high voltage monolithic IC with
integrated
440V half-bridge
power
MOSFET.
Proprietary HVIC
and
latch
immune
CMOS
technologies
enable
ruggedized
monolithic
construction.
The
front
end
features
a
programmable oscillator which is similar to the 555
timer. The output drivers feature a high pulse
current buffer stage and an internal dead time
designed for minimum driver cross-conduction.
Propagation delays for the two channels are
matched to simplify use in 50% duty cycle
applications.
Cathode compact fluorescent lamp (CCFL)
Ordering and Marking Information
DIP-8
Code 1
8
9
A
B
G
H
I
J
Year 2008 2009 2010 2011
2016
2017
2018 2019
Code 2
1
2
3
4
9
A
B
C
Month Jan. Feb. Mar. Apr.
● ● ●
Sep.
Oct.
Nov.
Dec.
Grenergy OPTO Inc. reserves the right to make changes to improve reliability or manufacture ability without
notice, and advise customers to obtain the latest version of relevant information to verify before placing
orders.
Self-oscillating Half-bridge Power IC


Similar Part No. - GR6953

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004KG GRENERGY-GR6004KG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
GR6004PG GRENERGY-GR6004PG Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
Sensata Technologies, I...
GR6CBA335 SENSATA-GR6CBA335 Datasheet
104Kb / 2P
   Single Pole Single Throw - Normally Open
GR6FNA218 SENSATA-GR6FNA218 Datasheet
150Kb / 2P
   Single Pole Single Throw - Normally Open
More results

Similar Description - GR6953

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2153 IRF-IRS2153 Datasheet
336Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com