Electronic Components Datasheet Search
  English  ▼

X  

FM3125D Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM3125D
Description  High precision LED controller IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM3125D Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM3125D Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM3125D Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM3125D Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM3125D Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM3125D Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM3125D(文件编号:S&CIC1207)
高精度 LED 控制器 IC
www.superchip.cn
5 页 共 5 页
Version 1.0
4、 电气要求:
1)电感量:Lp(N1)1.75mH±5%
2)漏感量:Ls(N1)≤100uH;
3)耐压:PRI(初级 N1)---SEC(次级 N3)2500VAC/5ma/60s
PRI(初级 N10)/SEC(次级 N3)---CORE 磁芯 1500VAC/5ma/60s
封装信息
DIP-8


Similar Part No. - FM3125D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM31256 ETC1-FM31256 Datasheet
252Kb / 22P
Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256 Datasheet
546Kb / 25P
Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256 Datasheet
455Kb / 26P
Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256 Datasheet
1Mb / 8P
Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM31256 CYPRESS-FM31256 Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
More results

Similar Description - FM3125D

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
High Precision Temperature Sensor IC
logo
List of Unclassifed Man...
ABK36V1A1 ETC2-ABK36V1A1 Datasheet
583Kb / 17P
High Efficiency Precision LED Controller
logo
Infineon Technologies A...
ILD4120 INFINEON-ILD4120 Datasheet
668Kb / 11P
1200mA step down - LED controller IC
Rev. 1.0, July 2009
logo
NXP Semiconductors
SSL2129AT NXP-SSL2129AT Datasheet
533Kb / 21P
Dimmable LED controller IC
Rev. 2-23 October 2012
logo
Unisonic Technologies
UPSL100 UTC-UPSL100 Datasheet
173Kb / 7P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
UPSL102 UTC-UPSL102 Datasheet
144Kb / 6P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
LED Controller IC
Rev1.0, 2012-02-28
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
High Precision Mixed-Signal Controller
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
High Precision Mixed-Signal Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com