Electronic Components Datasheet Search
  English  ▼

X  

FM7124MBS Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM7124MBS
Description  LED power spotlight driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM7124MBS Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM7124MBS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
FM7124MBS(文件编号:S&CIC1335)
LED 功率射灯驱动 IC
www.superchip.cn
7 页 共 9 页
Version 1.0
BOM 表及变压器规格
12W/250mA
(输入电压范围 85V~265V)
PCB
正面
背面
BOM 表
序号
元件名称
型号
&规格
单位
用量
位置
1
印制板
FM7124 -12W V1.0
PCS
1
2
贴片电阻
1.5R
1206
1%
PCS
1
R5
3
贴片电阻
1.5R
1206
1%
PCS
1
R6
4
贴片电阻
200K
1206
5%
PCS
4
R1,R2,R3,R7
5
贴片电阻
56K
0805
5%
PCS
1
R4
6
贴片电容
4.7UF/25V
0805 X7R
PCS
1
C2
7
插件瓷片电容
1nF/1KV
ф7mm 20%
PCS
1
C3
8
高频低阻电解电容
22UF/100V 6*12 -40+105°
PCS
1
C4
9
直插电解电容
10UF/400V, 10*17, -40+105°
PCS
1
C1
10
贴片二极管
M7
DO-214AC
PCS
5
D1~~D5
11
贴片二极管
ES1J
DO-214AC
PCS
1
D6
13
变压器
EE19 卧式 PC40
PCS
1
T1
14
IC
FM7124MBS SOP-8
PCS
1
IC1
15
保险丝
插件玻璃保险
1A/250V, 3.6*10
PCS
1
FR1
16
安规电容
插件瓷片电容
1nF/1KV
PCS
1
Y1
17
电子线
PCS
3
V+ AC1 AC2
18
电子线
PCS
1
V-
注:以上
BOM 表仅供参考,请以实际应用为准!


Similar Part No. - FM7124MBS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
More results

Similar Description - FM7124MBS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com