Electronic Components Datasheet Search
  English  ▼

X  

FM7124MBS Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM7124MBS
Description  LED power spotlight driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM7124MBS Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM7124MBS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7124MBS Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
FM7124MBS(文件编号:S&CIC1335)
LED 功率射灯驱动 IC
www.superchip.cn
3 页 共 9 页
Version 1.0
极限参数
符号
参数
参数范围
单位
Icc_max
VCC 引脚最大电源电流
5
mA
DRAIN
内部高压功率管漏极到源极峰值电压
-0.3~650
V
CS
电流采样端
-0.3~6
V
OUT
内部高压功率管源极电压
-0.3~18
V
PDMAX
功耗(注
2)
0.45
W
Ө JA
PN 结到环境的热阻
70
/W
TJ
工作结温范围
-40 to 150
TSTG
储存温度范围
-55 to 150
1:最大极限值是指超出该工作范围,芯片有可能损坏。推荐工作范围是指在该范围内,器件功能正常,但并不
完全保证满足个别性能指标。电气参数定义了器件在工作范围内并且在保证特定性能指标的测试条件下的直
流和交流电参数规范。对于未给定上下限值的参数,该规范不予保证其精度,但其典型值合理反映了器件性
能。
2:温度升高最大功耗一定会减小,这也是由 TJMAX, θJA,和环境温度 TA 所决定的。最大允许功耗为 PDMAX
(TJMAX - TA)/ θJA 或是极限范围给出的数字中比较低的那个值。
推荐工作范围
符号
参数
参数范围
单位
POUT 1
输出功率(输入电压
230V±15%)
18
W
POUT 2
输出功率(输入电压
85V~265V)
12
W
FOP
系统工作频率
60~70
KHZ
备注:以上推荐范围仅供参考,各方案合理设计考虑使用环境,散热条件等因素请以实际应用为准。


Similar Part No. - FM7124MBS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
More results

Similar Description - FM7124MBS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com