Electronic Components Datasheet Search
  English  ▼

X  

JA02 Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02
Description  LED power spotlight driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02 Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button JA02 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02 (文件编号:S&CIC0836)
LED 功率射灯驱动 IC
第 7 页 共 10 页
变压器规格
结构图
骨架类型
PIN 数目
脚距
排距
备注
EE10 立式 PC40
4+4
2.5mm
7.75mm
Ae=11.5mm
2
原理图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Titl e
Nu mber
R ev i sio n
S ize
B
Dat e:
1 -Au g-2 01 1
S heet
o f
F ile:
F :\威力王
\刘兵的图库
\OEM\变压器设计
\
压器设计原理图.Dd b
Drawn B y:
4
3
2
1
8
5
1
2
3
4
5
6
7
8
底部脚朝上
N1 初级
N2 反馈
N3 次级
绕制要求
绕组
绕制要求
匝数
圈数*根数
N1 初级
从 Pin3 起到 Pin4 收、密绕
162Ts
Ø0.12*1P
N3 次级
从 Pin8 起到 Pin5 收、密绕
28Ts
Ø0.30*1P
N2 反馈
从 Pin2 起到 Pin1 收、居中均匀绕
21Ts
Ø0.12*1P
备注:1、PIN6、7 OUT;
2、线包包黄色玛拉胶纸,绕线时请注意绕线方向,避免绕组起收脚交叉,绕线必须平整;
3、磁芯加气隙,真空锓油,烤箱烘干,另变压器骨架上需贴上名称和供应商标签以方便区分。
电气要求
1、电感量:Lp(N1)2.5mH±10%;
2、漏感量:Ls(N1)≦600uH;
3、耐压:PRI(初级 N1)---SEC(次级 N3)2500VAC/5ma/60s
PRI(初级 N1)/SEC(次级 N3)---CORE 磁芯
1500VAC/5ma/60s


Similar Part No. - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
   LED power spotlight driver IC
More results

Similar Description - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
   LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
   LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
   LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com