Electronic Components Datasheet Search
  English  ▼

X  

JA02 Datasheet(PDF) 10 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02
Description  LED power spotlight driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02 Datasheet(HTML) 10 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button JA02 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02 (文件编号:S&CIC0836)
LED 功率射灯驱动 IC
第 10 页 共 10 页
附页:分档测试标准
IC 型号
封装形式
档位
电压
电流
JA02
SOT23-6
A
6V-7.5V
40.5-43.5ma
B
6V-7.5V
43.5-46ma
AA
6V-7.5V
34-37ma
BB
6V-7.5V
37.1-40.5ma
备注:以上各档位电压值 IC、 BOM 及变压器参数只供客户参考使用,实际结果以客户设计标准为准。


Similar Part No. - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
   LED power spotlight driver IC
More results

Similar Description - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
   LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
   LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
   LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com