Electronic Components Datasheet Search
  English  ▼

X  

JA02 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02
Description  LED power spotlight driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02 (文件编号:S&CIC0836)
LED 功率射灯驱动 IC
第 2 页 共 10 页
五、 极限参数
CS to GND………………………………………………………………………………………………………..-0.3V to +9V
FB to GND……………………………………………………………………………………………………......-0.3V to +9V
OUT to GND……………………………………………………………………………………………………..-0.3V to +9V
VCC to GN
D…………………………………………………………………………………………………….-0.3V to +18V
工作温度范围
………………………………………………………………………………………………….-40℃ to +125℃
结温
…………………..………………………………………………………………………………………..-40℃ to +150℃
贮藏温度范围
………………………………………………………………………………………………….-60℃ to +150℃
六、 电路原理图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Rev ision
Size
B
Date :
9-O ct-2012
Shee t
of
File:
D:\规格书\规格图\规格图-0\ZBO \JA02.ddb Dra wn By :
5
4
1
2
5
5
10
2
2
T1
EE10立式
Q1
1300 2 TO-9 2
C1
4.7u F/400V 8*12
D2
1N4 148 LL -34
D1
RS1 M DO-2 14AC
C2
472 250V
R2
100K 1206
R1
1M 1206
Port
Port
D3
SS11 0 DO-2 14AC
C4
100U F/16V 5*7
9.6V 300m A
GND
LED 1
LED
R3
2R 1 206
1
3
DB1
MB6 S
R6
2K 1 206
1
6
2
5
3
4
JA0 2
SOT 23-6
C3
4.7U F/25V 0805
R4
16K 0805
R5
5.1K 0805
CS
GND
FB
OUT
NC
VCC
LED 2
LED
LED 3
LED
备注:客户在参考电路时,不建议删掉吸收回路,若开关管质量差会有炸机隐患!


Similar Part No. - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
LED power spotlight driver IC
More results

Similar Description - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com