Electronic Components Datasheet Search
  English  ▼

X  

JA02 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02
Description  LED power spotlight driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02 (文件编号:S&CIC0836)
LED 功率射灯驱动 IC
第 3 页 共 10 页
七、 电气参数
VDD=10.5V,Ta=25C,除非另有说明。
参数
符号
测试条件
最小值
典型值
最大值
单位
VDD
开启电压
VDDon
VDD 上升从 0 开始
10
12
V
VDD
关断电压
VDDoff
开关打开之后 VDD 下降
5
5.3
5.5
V
工作电流
IDD
正常工作
1.5
3
mA
启动电流
IDDst
开关打开之前
35
50
uA
FB
电压
VFB
2.4
3
3.6
V
效率
η
78
%
前沿时间消隐
600
ns
过温关度点
140
八、 性能介绍
参数归纳:
项目
规范
测试
输入特性
输入电压范围
90V~264V
90V~264V
输入电流
--
0.069A
待机功耗
<0.3W
0.22W
输出特性
输出电压范围
--
10V~13V
输出电流范围
--
290mA~310mA
输出电压纹波
--
750mV
输出电流纹波
--
140mA
开启延迟时间
<1S
0.5S
保持时间
--
9.6ms
保护
开路保护
--
Pass
短路保护
--
Pass


Similar Part No. - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
   LED power spotlight driver IC
More results

Similar Description - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
   LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
   LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
   LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com