Electronic Components Datasheet Search
  English  ▼

X  

JA02 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02
Description  LED power spotlight driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02 (文件编号:S&CIC0836)
LED 功率射灯驱动 IC
第 4 页 共 10 页
九、 BOM 表及变压器规格
1、JA02-1W
BOM 表
序号
名称
规格
用量
备注
1
PCB
26×18mm
1.0mm 玻纤板
1
同 JA02-3W-D 通用
2
贴片电阻
1M±5%
1206
1
R1
3
贴片电阻
100K±5%
1206
1
R2
4
贴片电阻
3.6R±5%
1206
1
R3
5
贴片电阻
16K±1%
0805
1
R4
6
贴片电阻
5.1K±1%
0805
1
R5
7
贴片电阻
2K±5%
1206
1
R6
8
贴片电容
4.7uF/25V±20%
0805
1
C3
9
贴片整流桥
MB6S
1
BR1
10
贴片二极管
IN4148
LL-34
1
D2
11
贴片二极管
RS1M
DO-214AC
1
D1
12
贴片二极管
SS110
DO-214AC
1
D3
13
电解电容
4.7uF/400V±20%
8×12
1
C1
14
绦纶电容
472/250V±5%
1
C2
15
电解电容
100uF/16V±20%
5×7
1
C4
16
三极管
13002
ECB
TO-92
1
Q1
17
IC
JA02
SOT-26
1
IC1
18
变压器
JA02-1W EE10 立式
1
T1
19
AC 电子线
φ1.5×60mm 黑
2
AC1/AC2
20
AC 电子线
φ1.5×60mm 黑、红
各 1
VCC/GND
三极管 13002 性能参数:
封装形式
符号
VCBO
≥750V
VCEO
≥450V
VEBO
≥9V
IC
0.5A
PC
10W
Hfe
15~30


Similar Part No. - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
LED power spotlight driver IC
More results

Similar Description - JA02

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com