Electronic Components Datasheet Search
  English  ▼

X  

JA02PM Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02PM
Description  LED power spotlight driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02PM Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02PM Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02PM (PS)(文件编号:S&CIC0980)
LED 功率射灯驱动 IC
第 1 页 共 9 页
一、
功能描述
JA02PM(PS)是一款应用于射灯、球泡灯、天花灯的高性能管理,低功耗控制的芯片。JA02PM(PS)的电路应
用可以省去光耦和 TL431,内部高度集成了欠压锁定,前沿消隐等功能模块。另外,JA02PM(PS)内部集成多种保
护功能,如过温保护,过压保护,开短路保护。JA02PM(PS)采用 TSSOP-8 封装。
二、
特点
通过原边反馈的恒流/恒压控制结构
省去光耦和 TL431
每一个开关周期的电流限制
过压保护(OVP)
过温保护(OTP)
欠压锁定(UVLO)
开短路保护
无铅封装
具负温度特性,延长产品寿命
内部集成 13002(JA02PM)
内部集成 13001(JA02PS)
三、
应用范围
LED 灯具,射灯,天花灯,球泡灯等。
(1W/3W/5W)
(芯片具有负温度特性,随着环境温度的升高,流过 LED 的电流逐渐变小从而达到降低系统温度,可以有效的
保护灯具,延长灯具的寿命。
四、
管脚说明
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Rev ision
Size
B
Date :
12-J un-2012
Shee t
of
File:
C:\Doc um ents and Set tings\Adm inistrat or\桌面\待做的规格书\TA02PM\TA02PM电路原理图.DDB
Dra wn By :
1
2
3
4
5
6
7
8
C
E
E
VCC
CS
FB
FB
GND
TSSOP-8
管脚序号
管脚名称
功能说明
1
C
三极管集电极 C
2-3
E
三极管发射极 E
4
VCC
电源
5
CS
电流采样输入
6-7
FB
电压反馈输入
8
GND
五、
极限参数
CS to GND………………………………………………………………………………………………………..-0.3V to +9V
FB to GND……………………………………………………………………………………………………......-0.3V to +9V
VCC
to GND…………………………………………………………………………………………………….-0.3V to +18V
工作温度范围
………………………………………………………………………………………………….-40℃ to +125℃
结温
…………………..………………………………………………………………………………………..-40℃ to +150℃
贮藏温度范围
………………………………………………………………………………………………….-60℃ to +150℃


Similar Part No. - JA02PM

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
   LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
   LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
   LED power spotlight driver IC
More results

Similar Description - JA02PM

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
   LED power spotlight driver IC
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
   LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
   LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
   LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
   LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com