Electronic Components Datasheet Search
  English  ▼

X  

JA02PM Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02PM
Description  LED power spotlight driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02PM Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02PM Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02PM Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02PM (PS)(文件编号:S&CIC0980)
LED 功率射灯驱动 IC
第 4 页 共 9 页
十、 BOM 表及变压器规格
1. JA02PM(PS)-1W
BOM 表
序号
元件名称
型号&规格
单位
用量
位置
1
印制板
JA02PM V1.0 1.0mm 玻纤板
PCS
1
19*26.5mm
2
贴片电阻
1M
1206
5%
PCS
1
R1
3
贴片电阻
100K
1206
5%
PCS
1
R2
4
贴片电阻
3.9R
1206
5%
PCS
1
R3
5
贴片电阻
16K
0805
5%
PCS
1
R4
6
贴片电阻
6.8K
0805
5%
PCS
1
R5
7
贴片电阻
2K
0805
5%
PCS
1
R6
8
贴片电容
4.7UF/50V
0805
20%
PCS
1
C3
9
IC
JA02PM
TSSOP-8
PCS
1
IC1
10
贴片二极管
M7
DO-214AC
PCS
4
D1-D4
11
贴片二极管
RS1M
DO-214AC
PCS
1
D5
12
贴片二极管
IN4148
SOD-323
PCS
1
D6
13
贴片二极管
SS110
DO-214AC
PCS
1
D7
14
电解电容
4.7μF/400V
8*12
20%
PCS
1
C1
15
电解电容
100μF/16V
5*7
20%
PCS
1
C4
16
绦纶电容
472pF/250V
5%
PCS
1
C2
17
变压器
JA02-1W (EE10 立式)
PCS
1
T1
18
电子线
Φ1.5*40mm
PCS
2
AC
19
电子线
Φ1.5*40mm
红、黑
PCS
各 2
V+/V-
20
热缩管
Φ2.0*7mm
PCS
1
套在 C1 电容负极引脚


Similar Part No. - JA02PM

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
436Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SD FUMAN-JA02SD Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02SS FUMAN-JA02SS Datasheet
377Kb / 7P
LED power spotlight driver IC
More results

Similar Description - JA02PM

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
FM7222SS FUMAN-FM7222SS Datasheet
335Kb / 8P
LED power spotlight driver IC
JA02 FUMAN-JA02 Datasheet
460Kb / 10P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com