Electronic Components Datasheet Search
  English  ▼

X  

SC6803Q Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803Q
Description  LED driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803Q Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6803Q Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
SC6803Q(文件编号:S&CICS&CIC1449)
LED 驱动 IC
www.superchip.cn
1 页共 9 页
Version 1.0
简介
SC6803Q 是专为 LED 灯光系统设计的驱动芯片,它采用先进的 CMOS 工艺,提供三路恒流驱动和灰度
调制输出,特别适合离散的多灰度全彩色灯光系统。
SC6803Q 芯片包括串行移位寄存器和级联驱动电路,灰度数据在时钟上沿移入串行移位寄存器,转储后
经脉宽调制转为
3 端口并行输出,串行移位寄存器和灰度计数器可以由不同的时钟信号控制。同时,SC6803Q
将数据和控制信号经内部驱动后输出给下级电路。
特性
三路恒流驱动输出,每路固定驱动电流达
17/18mA,输出端口耐压最高可达 10V;
内置
LDO 稳压电路,通过串接电阻支持外接电压 5-24V 工作;
双线传输模式,数据速率最高可达
30MHz;
内部时钟数据再生机制
,超强驱动能力,级联长度超过 2048 点;
内建振荡电路,支持
FREE-RUN 模式,刷新频率大于 500Hz,兼容标准双线时序设计,便于低成本控
制器编程设计;
独特的
PWM 灰度控制电路,内部实现 256 级伽玛矫正灰度;
每个输出通道依次
50ns 延迟 ,平抑电源系统尖峰现象;
工业级设计,抗干扰性能较强;
封装形式:
ESOP8
管脚图


Similar Part No. - SC6803Q

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803 FUMAN-SC6803 Datasheet
494Kb / 14P
   LED driver IC
More results

Similar Description - SC6803Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com