Electronic Components Datasheet Search
  English  ▼

X  

SC6803Q Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803Q
Description  LED driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803Q Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6803Q Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803Q Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
SC6803Q(文件编号:S&CICS&CIC1449)
LED 驱动 IC
www.superchip.cn
4 页共 9 页
Version 1.0
时序参数(T= 25℃,VDD =5V)
参数
符号
范围
单位
数据速率
TDAT
0.1-30
MHz
传输延时
TCAS
典型值
:120
ns
PWM 最小开启宽度
TONMIN
2500
ns
输入电容
CI
典型值
:15
pF
典型应用电路
内恒流驱动模式
该模式(
OMODE = 高电平或悬空)适用的情况与上个模式基本一致,只是在 FBX 端多了一个调节电流的
RX,这时流过 LED 的电流完全由 RX 决定:ILED ≈ 0.7V/RX
ILED-RX 曲线图
注意导通后输出口的对地电压
VOUT 必须在 1.1-6V 之间才能保持恒流状态,即满足:VLED +6V= ILED *RL
VDD ≥ VLED +1.1V+ILED *RL


Similar Part No. - SC6803Q

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803 FUMAN-SC6803 Datasheet
494Kb / 14P
LED driver IC
More results

Similar Description - SC6803Q

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com