Electronic Components Datasheet Search
  English  ▼

X  

TC1628S Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC1628S
Description  LED drive control dedicated circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC1628S Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC1628S Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC1628S (文件编号:S&CIC0946)
LED 驱动控制专用电路
第 2 页 共 9 页
四、
引脚图及说明
序号
符号
功能描述
1
NC
悬空
2
DATA
在时钟上升沿输入串行数据,从低位开始;在时钟下降沿输出串行数据,从低位
开始。N 管开漏输出,该脚要连接一个外部上拉电阻
3
CLK
在上升沿读取串行数据,下降沿输出数据。
4
STB
在上升或下降沿初始化串行接口,随后等待接收指令。STB 为低后的第一个字
节作为指令,当处理指令时,当前其它处理被终止。当 STB 为高时,CLK 被忽
略。
5~6
K1~K2
从该端输入的数据在显示周期结束后被锁存。
8~17
SG1/KS1~
SG10/KS10
段输出(也用作键扫描)
27~26
GR1~GR2
位输出
24~23
GR3~GR4
位输出
18~20
SG12/GR7~
SG14/GR5
段/位复用输出
7/21
VDD
5V±10%
22/25/28
GND
电源负极
五、
显示寄存器地址和显示模式
该寄存器存储通过串行接口从外部器件传送到TC1628S 的数据,地址分配如下:
SG1
SG8
SG9
SG16
00HL
00HU
01HL
01HU
DIG1
02HL
02HU
03HL
03HU
DIG2
04HL
04HU
05HL
05HU
DIG3
06HL
06HU
07HL
07HU
DIG4
08HL
08HU
09HL
09HU
DIG5
0AHL
0AHU
0BHL
0BHU
DIG6
0CHL
0CHU
0DHL
0DHU
DIG7


Similar Part No. - TC1628S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
   Max. output 32V DC, 10A
20211105-F
logo
Kingbright Corporation
TC16-11EWA KINGBRIGHT-TC16-11EWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11GWA KINGBRIGHT-TC16-11GWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11SRWA KINGBRIGHT-TC16-11SRWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11YWA KINGBRIGHT-TC16-11YWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC1628S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM1637 FUMAN-FM1637 Datasheet
436Kb / 12P
   LED drive control dedicated circuit
TC6269 FUMAN-TC6269 Datasheet
686Kb / 11P
   LED drive control dedicated circuit
logo
Shenzhen Titan Micro El...
TM1668 TITAN-TM1668 Datasheet
843Kb / 20P
   LED drive control dedicated circuit
logo
Shenzhen Tianwei Electr...
TM1628A TITANMEC-TM1628A Datasheet
692Kb / 18P
   LED drive control dedicated circuit
logo
SHENZHEN FUMAN ELECTRON...
SC1618 FUMAN-SC1618 Datasheet
327Kb / 7P
   LED drive control dedicated circuit
TC1668S FUMAN-TC1668S Datasheet
270Kb / 6P
   LED drive control dedicated circuit
logo
Shenzhen Tianyuan Semic...
TP3109A TPOWER-TP3109A Datasheet
715Kb / 10P
   9-channel LED drive control dedicated circuit
TP3112A TPOWER-TP3112A Datasheet
1Mb / 10P
   12-channel LED drive control dedicated circuit
logo
Wuxi ETEK Micro-Electro...
ET6202 ETEK-ET6202 Datasheet
713Kb / 14P
   Control LED drive circuit
Rev 1.1 2004-6-4
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com