Electronic Components Datasheet Search
  English  ▼

X  

TC1628S Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC1628S
Description  LED drive control dedicated circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC1628S Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC1628S Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1628S Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC1628S (文件编号:S&CIC0946)
LED 驱动控制专用电路
第 3 页 共 9 页
b0
b3
b4
b7
XX HL
XX HU
低4位
高4位
六、
键扫描和键扫描数据寄存器
键扫描矩阵为10×2,如下图所示:
键扫数据存储地址如下所示,用读指令读取,读从低位开始:
K1
K2
K1
K2
SG1/KS1
SG2/KS2
00
SG3/KS3
SG4/KS4
01
SG5/KS5
SG6/KS6
02
SG7/KS7
SG8/KS8
03
SG9/KS9
SG10/KS10
04
b0
b1
b3
b4
读取顺序
七、
指令说明
指令用来设置显示模式和LED驱动器的状态。在STB下降沿后由DATA 输入的第一个字节作为一条指令。如果
在指令或数据传输时STB被置为高电平,串行通讯被初始化,并且正在传送的指令或数据无效(之前传送的指令或
数据保持有效)。
1)显示模式设置
该指令用来设置选择段和位的个数(4~7位,10~13 段)。当指令执行时,显示结束。要重新显示,显示开/
关指令
“ON”必需被执行,但是当相同模式被设置时,则上述情况并不发生。


Similar Part No. - TC1628S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
logo
Kingbright Corporation
TC16-11EWA KINGBRIGHT-TC16-11EWA Datasheet
168Kb / 5P
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11GWA KINGBRIGHT-TC16-11GWA Datasheet
168Kb / 5P
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11SRWA KINGBRIGHT-TC16-11SRWA Datasheet
168Kb / 5P
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11YWA KINGBRIGHT-TC16-11YWA Datasheet
168Kb / 5P
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC1628S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1668 TITAN-TM1668 Datasheet
843Kb / 20P
LED drive control dedicated circuit
logo
Shenzhen Tianyuan Semic...
TP3109A TPOWER-TP3109A Datasheet
715Kb / 10P
9-channel LED drive control dedicated circuit
TP3112A TPOWER-TP3112A Datasheet
1Mb / 10P
12-channel LED drive control dedicated circuit
logo
SHENZHEN FUMAN ELECTRON...
FM1637 FUMAN-FM1637 Datasheet
436Kb / 12P
LED drive control dedicated circuit
SC1618 FUMAN-SC1618 Datasheet
327Kb / 7P
LED drive control dedicated circuit
TC1668S FUMAN-TC1668S Datasheet
270Kb / 6P
LED drive control dedicated circuit
TC6269 FUMAN-TC6269 Datasheet
686Kb / 11P
LED drive control dedicated circuit
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
Dynamic LED control/drive circuit
logo
Wuxi ETEK Micro-Electro...
ET6202 ETEK-ET6202 Datasheet
713Kb / 14P
Control LED drive circuit
Rev 1.1 2004-6-4
logo
Shenzhen Tianwei Electr...
TM1628A TITANMEC-TM1628A Datasheet
692Kb / 18P
LED drive control dedicated circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com