Electronic Components Datasheet Search
  English  ▼

X  

SC6803 Datasheet(PDF) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803
Description  LED driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803 Datasheet(HTML) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6803 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6803(文件编号:S&CIC0807)
LED 驱动 IC
第 6 页 共 14 页
内恒流驱动模式
该模式(OMODE = 高电平或悬空)适用的情况与上个模式基本一致,只是在 FBX 端多了一个调节电流的
RX,这时流过 LED 的电流完全由 RX 决定:ILED ≈ 0.7V/RX
ILED-RX 曲线图
注意导通后输出口的对地电压 VOUT 必须在 1.1-6V 之间才能保持恒流状态,即满足:VLED + 6V = ILED * RL
≥ V
DD ≥ VLED + 1.1V + ILED * RL
电路参数取值还必须注意耗散功率 PD 不会超过其最大值。
PD = ILED1 *(VOUT1 – 0.7V)+ ILED2 *(VOUT2 – 0.7V)+ ILED3 *(VOUT3 – 0.7V)+PIC
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Titl e
Nu mber
Rev i sio n
Size
B
Dat e:
3 0-Apr-2 0 10
Sheet
o f
File:
D:\HMF\资料\资料电路图\SC6 08 3 .d db
Drawn By:
OUT1
OUT2
OUT3
VCC
VOUT
FB1
FB2
FB3
GND
OUT1
OUT2
OUT3
VCC
VOUT
FB1
FB2
FB3
GND
VCC
DW
(6V)
DIN
DCLK
DCLK
DCLKO
DOUT
DIN
VCC
RL
VDD(5-12V)
RX


Similar Part No. - SC6803

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
   LED driver IC
More results

Similar Description - SC6803

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com