Electronic Components Datasheet Search
  English  ▼

X  

SC6803 Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803
Description  LED driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803 Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6803 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6803(文件编号:S&CIC0807)
LED 驱动 IC
第 7 页 共 14 页
这里:ILED1 / ILED2 / ILED3 分别是流过各路 LED 灯的电流值,VOUT1/ VOUT2/ VOUT3 分别是各输出口对地的电
压。
RL 一般取值几十欧母,对 ILED 的大小没有影响,也可以不用,但加上适当大小的 RL 有助于分担芯片耗散
功率 PD,提高工作稳定性。
外挂恒压驱动模式
该模式(OMODE =接地)适用于多 LED 或灯电压较高的情况,实际上是能过 OUTX 输出电平控制外拉的
NPN 三极管驱动多个 LED。
限流电阻计算:RL = (VDD – VLED – VCE) / 20mA
这里:三极管工作在开关区,VCE 是三极管的饱和压降,一般 0.5-0.8V,基极电阻 RB 可取 2K-5K,其他信
号连接方式与前面模式相同。
该模式常用于多路
―先串再并‖接法,鉴于串联支路里任意一个 LED 断路时,会导致该支路全部 LED 都不
亮,所以使用该接法就遵循如下的原则:支路串联 LED 数不宜多(一般取 3-6 只),支路并联数不宜少。这样
不仅缩小了烧断一只 LED 的故障影响面,而且将限流电阻化整为零,将大功率电阻变成多只小功率电阻,由集
中安装变成分散安装,既利于电阻散热,又便于将灯具设计得更紧凑。
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
26-Aug-2010
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC6803.ddb
Drawn By :
FB 1
FB 2
FB 3 G ND
V O U T
V O U X
D IN
D C L K
VCC
O M O D E = 'L'
V DD
1 2- 2 4V
RB
RL


Similar Part No. - SC6803

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
More results

Similar Description - SC6803

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com