Electronic Components Datasheet Search
  English  ▼

X  

SC6803 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6803
Description  LED driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6803 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6803 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6803 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6803(文件编号:S&CIC0807)
LED 驱动 IC
第 4 页 共 14 页
建议工作参数
参数
符号
范围
单位
供电电压
VDD
5~7.5
V
稳压输出电压
VOUT
5±5%(典型值)
V
输入电压
VIN
-0.4~VOUT +0.4
V
数据时钟频率
FCLK
0~15
MHz
时钟高电平宽度
TCLKH
>30
ns
时钟低电平宽度
TCLKL
>30
ns
数据建立时间
TSETUP
>10
ns
数据保持时间
THOLD
>5
ns
功耗
PD
<350
mW
工作温度
TOP
-30~+60
时序参数(T = 25℃,V
DD = 5V,OMODE = 1,GMODE = 0,CMODE = 1)
参数
符号
测试条件
范围
单位
输入信号最大上升和下降
时间
TR
VDD = 5V
<500
ns
TF
<400
级联输出信号最大上升和
下降时间
TTLH
CL = 30pF,RL = 1K
<15
ns
TTHL
<15
级联输出信号最大延迟时
TPD
CL = 30pF,RL = 1K
<12
ns
TCO
<12
驱动输出最小 PWM 开启宽
TONMIN
IOUT = 20mA
200
ns
驱动输出信号最大开启和
关闭时间
TON
IOUT = 20mA
<80
ns
TOFF
<80


Similar Part No. - SC6803

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
More results

Similar Description - SC6803

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com