Electronic Components Datasheet Search
  English  ▼

X  

TC7258F Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC7258F
Description  8-channel LED display line scanning blanking control driver chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC7258F Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC7258F Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7258F Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7258F Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7258F Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC7258F(文件编号:S&CIC1556)
8 通道 LED 显示屏行扫描消隐控制驱动芯片
www.superchip.cn
2 页 共 4 页
Version 1.0
绝对最大额定值
符号
参数
额定值
单位
VDD
电源电压
6.5
V
VA,B,C,ENH,ENL
栅极电压
6.5
V
PD
最大耗散功率
625
MW
TSTG
存储温度范围
-55 to 150
TOPR
IC 工作时环境温度
-40 to 85
热阻数据
符号
参数
单位
RθJA
结至环境的最大热阻
125
/W
直流特性(TJ=25℃,在无其他特定说明的情况下)
符号
参数
测试条件
最小值
典型值
最大值
单位
IDD
静态电流损耗
VDD=5V
1
mA
RDS
导通电阻
VDD=5V,IO=1A
120
VDD=4V,IO=1A
125
VIH
高电平输入电压
VDD=5V
3
V
VIL
低电平输入电压
VDD=5V
2
V
IO
最大工作电流
VDD=5V
3
A
交流特性(TJ=25℃,在无其他特定说明的情况下)
符号
参数
测试条件
最小值
典型值
最大值
单位
TPLH
输出上升延时
VDD=5V CL=15pF
70
nS
TPHL
输出下降延时
VDD=5V CL=15pF
80
nS
Tr
输出上升沿
VDD=5V CL=15pF
30
nS
Tf
输出下降沿
VDD=5V CL=15pF
3.2
mS


Similar Part No. - TC7258F

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7258 FUMAN-TC7258 Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
More results

Similar Description - TC7258F

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
TC7558N FUMAN-TC7558N Datasheet
510Kb / 5P
   8-channel LED large-screen scanning blanking control circuit
TC4973 FUMAN-TC4973 Datasheet
172Kb / 6P
   LED large screen scanning blanking control circuit
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
   LED driver control/keyboard scanning ASIC
logo
SHENZHEN FUMAN ELECTRON...
TC7262 FUMAN-TC7262 Datasheet
235Kb / 4P
   LED display line driver chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com