Electronic Components Datasheet Search
  English  ▼

X  

TC7262 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC7262
Description  LED display line driver chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC7262 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC7262 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC7262(文件编号:S&CIC1705)
LED 显示屏行驱动芯片
www.superchip.cn
1 页 共 4 页
Version 1.0 May 2019
概述
TC7262 是一款专为 LED 扫描屏设计的行驱动管,集成 138 译码电路及功率 PMOS 管。
TC7262 采用 SOP-16 的封装型式,内部集成防烧功率管、可调电位消上鬼影、内置多种消隐模式,LED 灯珠
保护等功能。
特性
集成
138 译码电路
集成
8 个功率 PMOS 输出 PIN,导通电阻 120 mΩ,最大电流 2.5A
输入开路、输入锁死自检功能,防烧功率
PMOS 管
LED 显示屏消除上鬼影
改善
LED 显示屏灯珠短路串亮造成的毛毛虫现象
集成防
LED 灯珠反向击穿稳压电路
单颗支持
1~8 扫
最大功耗
<625mW @ VDD=5V & Ivdd=2.5A
消隐电位可调
引脚示意图及功能说明
引脚图
序号
符号
功能说明
SOP-16
3~6,11~14
OUT0~OUT7
驱动输出端
15、16、2
A0~A2
数据输入端
7、10
E1,E2
使能控制端
1、9
VDD
电源端
8
GND
接地端


Similar Part No. - TC7262

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
More results

Similar Description - TC7262

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com