Electronic Components Datasheet Search
  English  ▼

X  

TC7262 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC7262
Description  LED display line driver chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC7262 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC7262 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7262 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC7262(文件编号:S&CIC1705)
LED 显示屏行驱动芯片
www.superchip.cn
3 页 共 4 页
Version 1.0 May 2019
电气参数
极限参数(
Ta = 25℃)
参数
符号
范围
单位
逻辑电源电压
VDD
-0.5 ~ +7.0
V
逻辑输入电压
VI1
-0.5 ~ VDD+0.5
V
功率损耗
PD
<625
mW
工作温度
Topt
-40 ~ +80
储存温度
Tstg
-50 ~ +150
直流特性(
Ta = -40 ~ +80℃)
参数
符号
最小值
典型值
最大值
单位
测试条件
逻辑电源电压
VDD
3.0
5.0
5.5
V
-
高电平输入电压
VIH
3.0
V
VDD=5.0V
低电平输入电压
VIL
2.0
V
VDD=5.0V
静态电流损耗
IDD
2.8
mA
VDD=5.0V
输出端口驱动电流
IOH
2.5
A
VDD=5.0V
Pmosfet 导通电阻
Ron
120
mΩ
VDD=5.0V
交流特性
参数
符号
最小值
典型值
最大值
单位
测试条件
输出上升延时
tPLH
44
nS
VDD=5.0V
CL=2nF
输出下降延时
tPHL
115
nS
输出上升沿
tr
72
nS
输出下降沿
tf
95
nS


Similar Part No. - TC7262

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
More results

Similar Description - TC7262

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com