Electronic Components Datasheet Search
  English  ▼

X  

TC8168 Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8168
Description  LED digital tube driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8168 Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC8168 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC8168(文件编号:S&CIC1100)
LED 数码管驱动 IC
第 7 页 共 7 页
SOP-24
符号
毫米
英尺
最小
典型
最大
最小
典型
最大
A
2.35
2.50
2.65
0.093
0.098
0.104
A1
0.10
0.20
0.30
0.004
0.008
0.012
b
--
0.40
--
--
0.016
--
C
--
0.25
--
--
0.010
--
D
15.10
15.40
15.70
0.594
0.606
0.618
E
7.35
7.50
7.65
0.289
0.295
0.301
e
--
1.27
--
--
0.050
--
H
10.15
10.45
10.75
0.400
0.411
0.423
K
--
0.50
--
--
0.020
--
L
0.60
0.80
1.00
0.024
0.031
0.039
α
--
--
β
--
45°
--
--
45°
--


Similar Part No. - TC8168

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results

Similar Description - TC8168

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CORETECH MICRO...
CT1642 CORETECH-CT1642 Datasheet
408Kb / 7P
   LED-based digital tube drive control IC
2009-6-29
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com