Electronic Components Datasheet Search
  English  ▼

X  

TC8168 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8168
Description  LED digital tube driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8168 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC8168 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC8168(文件编号:S&CIC1100)
LED 数码管驱动 IC
第 1 页 共 7 页
一、
概述
TC8168 是一种专门用于各种 LED 显示驱动及扫描按键控制芯片。主要应用于各种 LED 显示屏、数码管显
示屏的驱动,具有外围元件少、连线简单、使用简易灵活的特点。
二、
特性
采用三线串行通讯输入
移位锁存后直接输出驱动
10 位段输出 15mA
8 位公共端输出 150mA
可级联使用扩展驱动多位数码,如用 4 片驱
动 32 位数码管
漏极开路输出,所以可复用
可代换 1638、1629、1668
超强抗干扰设计,无需增加抗干扰元件及抗
干扰处理,甚至可去掉电源滤波电容
三、
引脚图及引脚说明
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
C2
C3
C4
C5
C6
EN
CLK
DATA
VDD
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D0
D1
D2
D3
D4
D5
D6
D7
C0
C1
C2
C3
C4
C5
C6
EN
CLK
DATA
VDD
GND
D8
D9
21
22
23
24
C7
UL
TC8186ASOP-20宽体 )
TC8186BSOP-24
TC8186A
TC8168B
引脚说明
序号
符号
序号
符号
1~8
D0~D7
1~10
D0~D9
输出(段)。段输出,P-chopen drain,接数码管阳极,输出电流 15mA。
9~15
C0~C6
11~18
C0~C7
输出(位)。位输出,N-chopen drain,接数码管阴极,最大电流 150mA
灌电流。(无上拉管和电阻)
19
UL
UL 输出。输出 D17~寄存器数据,用作级连扩展,输出电流 5mA。
16
EN
20
EN
使能端。EN=1 时,如有时钟动作,按 D0~D7、C0~C9 顺序将 DATA
移位输入;EN=0 时,D0~D7、C0~C9 输出不变化,输入数据写入内
部寄存器;当 EN 由 0 变为 1 时,将内部寄存器中数据一次输出到
D0~D7、C0~C9。内建 10K 下拉电阻。
17
CLK
21
CLK
时钟输入。上升沿写入数据,内建 4K7 上拉电阻。
18
DATA
22
DATA
数据输入。数据信号,写入后存于 IC 寄存器中,内建 10K 下拉电阻。
19
VDD
23
VDD
电源 5V
20
GND
24
GND
接系统地


Similar Part No. - TC8168

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results

Similar Description - TC8168

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CORETECH MICRO...
CT1642 CORETECH-CT1642 Datasheet
408Kb / 7P
   LED-based digital tube drive control IC
2009-6-29
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com