Electronic Components Datasheet Search
  English  ▼

X  

TC8168 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8168
Description  LED digital tube driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8168 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC8168 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8168 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC8168(文件编号:S&CIC1100)
LED 数码管驱动 IC
第 4 页 共 7 页
五、
电气参数
直流电参数(VDD=5V,CLK=500KHz,0~70℃)
符号
参数
测试条件
最小值
最大值
单位
VIH
输入高电平
Vo=0.1
3
--
V
VIL
输入低电平
VDD=5V
--
0.8
V
DIOH
高电平输出电流
Vo=3.0V
15
20
mA
CIOL
低电平输出电流
Vo=1.0V
90
180
mA
极限参数(TA=25℃,VSS=0V)
参数
符号
范围
单位
逻辑电源电压
VDD
-0.5 ~ +7.0
V
逻辑输入电压
VI
-0.5 ~ VDD+0.5
V
LED SEG 驱动输出电流
D0~D9
-30
mA
LED COM 驱动输出电流
C0~C7
+120
mA
功率损耗
PD
800
mW
工作温度
Topt
-40 ~+80
储存温度
Tstg
-65 ~ +150


Similar Part No. - TC8168

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results

Similar Description - TC8168

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CORETECH MICRO...
CT1642 CORETECH-CT1642 Datasheet
408Kb / 7P
   LED-based digital tube drive control IC
2009-6-29
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com