Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 412 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 412 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 407Page - Texas Instruments AM5728 Datasheet HTML 408Page - Texas Instruments AM5728 Datasheet HTML 409Page - Texas Instruments AM5728 Datasheet HTML 410Page - Texas Instruments AM5728 Datasheet HTML 411Page - Texas Instruments AM5728 Datasheet HTML 412Page - Texas Instruments AM5728 Datasheet HTML 413Page - Texas Instruments AM5728 Datasheet HTML 414Page - Texas Instruments AM5728 Datasheet HTML 415Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 412 / 415 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.96
2.62
0.45
0.35
TYP
21.6
TYP
21.6 TYP
0.8 TYP
0.8 TYP
760X
0.55
0.45
1.09
0.89
A
23.2
22.8
B
23.2
22.8
(0.7) TYP
(0.7) TYP
(
19)
(
17)
(0.8)
FCBGA - 2.96 mm max height
ABC0760A
PLASTIC BALL GRID ARRAY
4224170/A 12/2018
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.15 C
1
2
0.25
C A B
0.01
C
SYMM
SYMM
BALL A1 CORNER
A
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
SCALE 0.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com