Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 9 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 9 Page - Rohm

Back Button BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm BD99958GW Datasheet HTML 10Page - Rohm BD99958GW Datasheet HTML 11Page - Rohm BD99958GW Datasheet HTML 12Page - Rohm BD99958GW Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
9/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
7.2.
Electrical Characteristics for Battery Charger
Adapter=18.0 V, Battery=7.4 V, LX1=LX2=0.0 V, GND=0 V, Ta=25 °C (unless otherwise noted.)
Parameter
Symbol
Value
Unit
Condition
Min
Typ
Max
<General>
Adapter Standby Current 1
IADP1
-
1.0
1.5
mA
Charge Pump ON
Adapter Operating Current 2
IADP2
-
4.0
8.0
mA
Charge Pump ON
Not Switching
Battery Standby Current
(VBUS=VCC=0.0V)
IBATT1
-
50.0
100.0
μA
BGATE Charge Pump ON
REG0x7Ch[2:0]=5h
(Note 1)
Battery Standby Current
(VBUS=VCC=0.0V)
IBATT2
-
25.0
50.0
μA
BGATE Charge Pump OFF
Deep Sleep mode
REG0x7Ch[2:0]=6h
(Note 1)
SDA=SCL=0 V
Battery Standby Current
(VBUS=VCC=0.0V)
IBATT3
-
125
200
μA
BGATE Charge Pump ON
PROCHOT# only VSYS [1 ms/S]
REG0x7Ch[2:0]=2h
(Note 1)
Battery Standby Current
(VBUS=VCC=0.0V)
IBATT4
-
150
290
μA
BGATE Charge Pump ON
PROCHOT# only VSYS [250
μs/S]
REG0x7Ch[2:0]=1h
(Note 1)
Battery Current
(VBUS=VCC=0.0V)
IBATT5
-
700
900
μA
BGATE Charge Pump ON
with PROCHOT# Monitored
System voltage and Battery
current
REG0x7Ch[2:0]=0h
(Note 1)
SMBus Operation Frequency
fSMB
10
-
400
kHz
-
REGN Output Voltage
VREGN
5.0
5.2
5.4
V
-
REGN External Output Current
Capability
IREGN_LD
-
-
10
mA
-
REGN UVLO Voltage
VREGN_UVLO
2.375
2.500
2.625
V
Detecting REGN falling edge
REGN UVLO Hysteresis
Range
VREGN_UVLO_HYS
_RANGE
50
100
200
mV
Detecting REGN rising edge
LDO Output Voltage
VREF
1.45
1.50
1.55
V
IVREF=1 mA
VREF UVLO Release Voltage
VREF_UVLO
1.35
1.40
1.45
V
Detecting VREF rising edge
VREF UVLO Hysteresis Range
VREF_UVLO_HYS_
RANGE
25
50
100
mV
Detecting VREF falling edge
<External Pin>
ACOK Low Voltage
VACOKL
-
-
0.3
V
IACOK=1 mA
ACOK Leakage Current
IL_ACOK
-
-
1
μA
VACOK=5.0 V
INT# Low Voltage
VINTL
-
-
0.3
V
IACOK=1 mA
INT# Leakage Current
IL_INT
-
-
1
μA
VINT=5.0 V
PROCHOT# Low Voltage
VPROCHOTL
-
-
0.3
V
IACOK=1 mA
PROCHOT# Leakage Current
IL_PROCHOT
-
-
1
μA
VPROCHOT#=5.0 V
TSENSE Pin Input Current
ITSENSE
-
-
1
μA
VTSENSE=1.5 V
IADP Pin Input Current
IIADP
-
-
1
μA
VIADP=5.0 V
SA0 Pin Input Current H
ISA0H
-
-
1
μA
VSA0=5.0 V
SA0 Pin Input Current L
ISA0L
-
-
1
μA
VSA0=0.0 V
SA0 High Threshold Voltage
VTHH_SA0
REGN
x 0.8
-
-
V
-
SA0 Low Threshold Voltage
VTHL_SA0
-
-
REGN
x 0.2
V
-
SA1 Pin Input Current H
ISA1H
-
-
1
μA
VSA1=5.0 V
SA1 Pin Input Current L
ISA1L
-
-
1
μA
VSA1=0.0 V
SA1 High Threshold Voltage
VTHH_SA1
REGN
x 0.8
-
-
V
-
SA1 Low Threshold Voltage
VTHL_SA1
-
-
REGN
x 0.2
V
-
(Note 1) Resister address refer to extended commands


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
   2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
   Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
   Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
   Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
   Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com