Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 1 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 1 Page - Rohm

  BD99958GW Datasheet HTML 1Page - Rohm BD99958GW Datasheet HTML 2Page - Rohm BD99958GW Datasheet HTML 3Page - Rohm BD99958GW Datasheet HTML 4Page - Rohm BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/126
TSZ02201-0B4B0A700060-1-2
© 2018 ROHM Co., Ltd. All rights reserved.
21.Aug.2018 Rev.001
TSZ22111
• 14 • 001
www.rohm.com
1 to 4-Cell Li-Ion Battery Manager
For Application Processors
BD99958GW
General Description
BD99958GW is a Battery Management LSI for 1 to
4-Cell Lithium-Ion battery, and available in a small 41-ball
0.4 mm pitch 2.6 mm x 3.0 mm Wafer-level CSP package
which is designed to meet high degree demands for
space-constraint
equipment
such
as
Low
Profile
Notebook PC, Tablets and other applications.
BD99958GW provides a Dual-source Battery Charger,
two port BCS1.2 detectors and a Battery Monitor with
several alarm (INT#, PROCHOT#) outputs.
Features
 Dual-source Battery Charger
High Efficiency Step-up/down Switching Charger for
1 to 4-Cell Li-Ion/Li-poly Battery
Two Separate Input Sources for USB-VBUS and DC
Adapter.
Two Port BCS1.2 Detectors.
JEITA Compliant Charging Profile
Programmable Parameters for Preconditioning,
Pre-charge Current, and Fast-charge Current
Programmable Charging Voltage
Programmable Charge Current
Programmable Switching Frequency: 600 kHz to
1.2 MHz
Support USB BCS1.2, OTG
USB-VBUS Over Voltage Protection
Over Voltage Battery Protection
Battery Short Circuit Detection
Power Path Management with Charge Pump Gate
Driver
Flexibility Power Path Control
Reverse Buck/Boost Option for USB/USB-PD
Bias Voltage Output for the External Thermistor
PMON Output
PROCHOT# Output
Support Inhibit/Autonomous Charging
Battery Learn Function
Input Operating Range: 3.8 V to 25.0 V
Voltage Measurement for Thermistor.
Bias Voltage Output for the External Thermistor.
SMBus Interface (Clock Up Friendly I2C) for Host
Communication
Embedded OTPROM for Initial Settings
Package
W(Typ) x D(Typ) x H(Max)
UCSP55M3C 41pin
2.60 mm x 3.00 mm x 0.62 mm
(BD99958GW)
Applications
Ultrabook
Notebook PC
Ultra-Mobile PC
Tablet PC
UCSP55M3C (BD99958GW)
Datasheet


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com