Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 10 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 10 Page - Rohm

Back Button BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm BD99958GW Datasheet HTML 10Page - Rohm BD99958GW Datasheet HTML 11Page - Rohm BD99958GW Datasheet HTML 12Page - Rohm BD99958GW Datasheet HTML 13Page - Rohm BD99958GW Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
10/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
7.2. Electrical Characteristics for Battery Charger - continued
Adapter=18.0 V, Battery=7.4 V, LX1=LX2=0.0 V, GND=0 V, Ta=25 °C (unless otherwise noted.)
Parameter
Symbol
Value
Unit
Condition
Min
Typ
Max
<PMON>
Power Monitor Amplifier Gain
(IPMON)/(VACP x IACP + VBATT x
IBATT)
GPMON
-
16
-
μA/W
REG0x25h[2:0]=6h
(Note 1)
6.25 W Setting
-
8
-
μA/W
REG0x25h[2:0]=5h
(Note 1)
12.5 W Setting
-
4
-
μA/W
REG0x25h[2:0]=4h
(Note 1)
25 W Setting
-
2
-
μA/W
REG0x25h[2:0]=3h
(Note 1)
50 W Setting
-
1
-
μA/W
REG0x25h[2:0]=2h
(Note 1)
100 W Setting
-
0.5
-
μA/W
REG0x25h[2:0]=1h
(Note 1)
200 W Setting
-
0.25
-
μA/W
REG0x25h[2:0]=0h
(Note 1)
400 W Setting
ACCPMON
-5
-
+5
%
IPMON=50 μA
PMON Maximum Current
IPMONMAX
-
-
200
μA
-
<IOUT>
IADP Voltage Accuracy
GIADP
-
20
-
V/V
(VIADP)/(VACP- VACN)
VIOUT1
802.8
819.2
835.6
mV
(VACP- VACN)=40.96 mV
VIOUT2
393.2
409.6
426
mV
(VACP- VACN)=20.48 mV
VIOUT3
174.1
204.8
235.5
mV
(VACP- VACN)=10.24 mV
VIOUT4
81.92
102.4
122.9
mV
(VACP- VACN)=5.12 mV
VIOUT5
-
51.2
-
mV
(VACP- VACN)=2.56 mV
VIOUT6
-
25.6
-
mV
(VACP- VACN)=1.28 mV
IDCHG Voltage Accuracy
GIDCHG
-
16
-
V/V
(VIDCHG)/(VSRN- VSRP)
VIDCHG1
622.6
655.4
688.2
mV
(VSRN- VSRP)=40.96 mV
VIDCHG2
298.2
327.7
357.2
mV
(VSRN- VSRP)=20.48 mV
VIDCHG3
122.9
163.8
204.8
mV
(VSRN- VSRP)=10.24 mV
VIDCHG4
41
81.9
122.9
mV
(VSRN- VSRP)=5.12 mV
(Note 1) Resister address refer to extended commands


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com