Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 3 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 3 Page - Rohm

  BD99958GW Datasheet HTML 1Page - Rohm BD99958GW Datasheet HTML 2Page - Rohm BD99958GW Datasheet HTML 3Page - Rohm BD99958GW Datasheet HTML 4Page - Rohm BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
3/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
Notation
Category
Notation
Description
Unit
V
Volt (Unit of voltage)
A
Ampere (Unit of current)
Ω, Ohm
Ohm (Unit of resistance)
F
Farad (Unit of capacitance)
deg., degree
degree Celsius (Unit of Temperature)
Hz
Hertz (Unit of frequency)
s (lower case)
second (Unit of time)
Min
minute (Unit of time)
b, bit
bit (Unit of digital data)
B, byte
1 byte = 8 bits
Unit Prefix
M, mega-, mebi-
2
20 = 1,048,576 (used with “bit” or “byte”)
M, mega-, million-
10
6 = 1,000,000 (used with “Ω” or “Hz”)
K, kilo-, kibi-
2
10 = 1,024 (used with “bit” or “byte”)
k, kilo-
10
3 = 1,000 (used with “Ω” or “Hz”)
m, milli-
10
-3
μ, micro-
10
-6
n, nano-
10
-9
p, pico-
10
-12
Numeric Value
xxh, xxH
Hexadecimal number.
“x”: any alphanumeric of 0 to 9 or A to F.
Xxb
Binary number; “b” may be omitted.
“x”: a number, 0 or 1
“_” is used as a nibble (4-bit) delimiter.
(e.g. “0011_0101b” = “35h”)
Address
#xxh
Address in a hexadecimal number.
“x”: any alphanumeric of 0 to 9 or A to F.
Data
bit[n]
n-th single bit in the multi-bit data.
bit[n:m]
Bit range from bit[n] to bit[m].
Signal Level
“H”, High
High level (over VIH or VOH) of logic signal.
“L”, Low
Low level (under VIL or VOL) of logic signal.
“Z”, “Hi-Z”
High impedance state of 3-state signal.
Reference
Name
Reference Document
Release Date
Publisher
I2C-bus
“UM10204: I
2C-bus specification and user manual Rev. 4”
Feb. 13, 2012
NXP Semiconductors
SMBus
System Management Bus (SMBus) Specification 3.0
Dec. 20, 2014
SBS-IF
JEITA Profile
“A Guide to the Safe Use of Secondary Lithium Ion Batteries in
Notebook-
type Personal Computers”
Apr. 10, 2007
JEITA
USB BCS
“Battery Charging Specification Revision 1.2”
Dec. 07, 2010
USB.org
Smart Battery
Charger
Smart Battery Charger Specification Revision 1.1
Dec. 11, 1998
SBS-IF
USB 2.0
Universal Serial Bus Specification Revision 2.0
Jul. 26, 2013
USB.org
USB 3.1
Universal Serial Bus Revision 3.1 Specification Rev. 1.0
Aug. 11, 2014
USB.org
USB PD
USB Power Delivery Specification Rev. 2.0 V1.0
Apr. 27, 2000
USB.org


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com