Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 6 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 6 Page - Rohm

Back Button BD99958GW Datasheet HTML 2Page - Rohm BD99958GW Datasheet HTML 3Page - Rohm BD99958GW Datasheet HTML 4Page - Rohm BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm BD99958GW Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
6/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
3.
Pin Description
Table 1. Pin Description
#
Ball No.
[CSP]
Pin Name
Function
1
A1
REGN
LDO output
2
A2
VCC
DC power supply
3
A3
INT#
Interrupt for I2C
4
A4
ACN
Input current sense resistor negative input
5
A5
ACP
Input current sense resistor positive input
6
A6
IADP/RESET Default input current limit setting pin and system register reset pin
7
B1
HG1
DC/DC buck side high side gate driver
8
B2
VBUS
USB power supply
9
B3
PROCHOT#
Active low open drain output of “processor hot” indicator. The charger IC monitors events like
adapter current, battery discharge current. Once any event in PROCHOT# profile is triggered,
a minimum 10 ms pulse is asserted.
10
B4
ACGATE1
Charge pump output to drive adapter input n-channel MOSFETs
The ACGATE1 voltage is 5 V above VBUS during AC adapter insertion
11
B5
ACGATE2
Charge pump output to drive adapter input n-channel MOSFETs
The ACGATE2 voltage is 5 V above VCC during AC adapter insertion.
12
B6
VBUS_DMI
VBUS side USB D- input/output
13
C1
BOOT1
DC/DC buck side driver voltage output
14
C2
LX1
DC/DC buck side inductor connection
15
C3
-
-
16
C4
VBUS_DPI
VBUS side USB D+ input/output
17
C5
VBUS_DMO
VBUS side USB D- output/input
18
C6
VBUS_DPO
VBUS side USB D+ output/input
19
D1
LG1
DC/DC buck side low side gate driver
20
D2
LG2
DC/DC boost side low side gate driver
21
D3
ACOK
AC adapter voltage detection open drain output
22
D4
VCC_DPI
VCC side USB D+ input/output
23
D5
SA0
Slave address decide bit 1 pin input
Need to connect the REGN pin or the GND pin
24
D6
VCC_DMI
VCC side USB D- input/output
25
E1
BOOT2
DC/DC boost side driver voltage output
26
E2
LX2
DC/DC boost side inductor connection
27
E3
TSENSE
Battery temperature monitor pin
Active low battery present input signal. LOW indicates battery is present,
and HIGH indicates the battery is absent and the charging stop.
28
E4
N/C
Non connenction pin
Please connect PCB GND or open.
29
E5
SCL
SMBus clock input
30
E6
VCC_DMO
VCC side USB D- output/input
31
F1
HG2
DC/DC boost side high side gate driver
32
F2
GND
Ground
33
F3
BGATE
Gate control output
34
F4
IOUT
Buffered adapter or charge current output selectable with SMBus command
35
F5
SDA
SMBus data input/output
36
F6
VCC_DPO
VCC side USB D+ output/input
37
G1
SRP
Charge current sense resistor positive input
38
G2
SRN
Charge current sense resistor negative input
39
G3
BATT
Battery voltage input
40
G4
VREF
1.5 V LDO output
41
G5
PMON
Buffered total system power current output. Place a resistor between the PMON pin and the
GND pin
42
G6
SA1
Slave address decide bit 2 pin input
Need to connect the REGN pin or the GND pin


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com