Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 7 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 7 Page - Rohm

Back Button BD99958GW Datasheet HTML 3Page - Rohm BD99958GW Datasheet HTML 4Page - Rohm BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm BD99958GW Datasheet HTML 10Page - Rohm BD99958GW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
7/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
4.
Absolute Maximum Ratings (Ta=25°C)
Parameter
Rating
Unit
Voltage Range
(With Respect to GND)
VBUS, VCC, SRN, SRP, ACN, ACP, BATT
-0.3 to +28.0
V
LX1, LX2
-2 to +28
V
ACGATE1, ACGATE2, BGATE, BOOT1, BOOT2,
HG1, HG2
-0.3 to +32
V
LX1-BOOT1, LX2-BOOT2
-0.3 to +6.0
V
ACP-ACN, SRP-SRN
-0.3 to +0.3
V
VBUS_DPI, VBUS_DMI, SA0, VBUS_DPO,
VBUS_DMO, VCC_DPI, VCC_DMI, SA1,
VCC_DPO, VCC_DMO, ACOK, REGN, INT#,
PROCHOT#, IOUT, PMON, SCL, SDA, LG1, LG2
-0.3 to +7.0
V
TSENSE, IADP/RESET, VREF
-0.3 to +2.1
V
Maximum Junction Temperature
150
°C
Storage Temperature Range
-50 to +150
°C
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB with power dissipation taken into consideration by increasing
board size and copper area so as not to exceed the maximum junction temperature rating.
5.
Power Dissipation
(Note 1)
Parameter
Symbol
Typ
Unit
UCSP55M3C(BD99958GW)
Power Dissipation
(Note 2)
Pd
0.97
W
Layer Number of Measurement Board
Material
Board Size
9 Layers
(Note 3)
FR-4
63 mm x 55 mm x 1.6 mmt
(Note 1) Based on JESD51-2A (Still-Air) only BD99958GW
(Note 2)
Derate by 78.1 mW/°C when operating above Ta=25 °C (when mounted in ROHM’s standard board)
(Note 3) Using a 4s5p PCB board
6.
Recommended Operating Conditions
Parameter
Min
Max
Unit
VBUS
3.8
25.0
V
VCC
3.8
25.0
V
BATT
0
19.2
V
IIN
-
16
A
ISYS
-
16
A
ICHARGE
-
16
A
Operating Temperature
-30
+85
°C


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
   2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
   Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
   Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
   Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
   Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com