Electronic Components Datasheet Search
  English  ▼

X  

BD99958GW Datasheet(PDF) 8 Page - Rohm

Part # BD99958GW
Description  1 to 4-Cell Li-Ion Battery Manager For Application Processors
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99958GW Datasheet(HTML) 8 Page - Rohm

Back Button BD99958GW Datasheet HTML 4Page - Rohm BD99958GW Datasheet HTML 5Page - Rohm BD99958GW Datasheet HTML 6Page - Rohm BD99958GW Datasheet HTML 7Page - Rohm BD99958GW Datasheet HTML 8Page - Rohm BD99958GW Datasheet HTML 9Page - Rohm BD99958GW Datasheet HTML 10Page - Rohm BD99958GW Datasheet HTML 11Page - Rohm BD99958GW Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
8/126
21.Aug.2018 Rev.001
TSZ22111
• 15 • 001
© 2018 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD99958GW
TSZ02201-0B4B0A700060-1-2
7.
Function Descriptions
7.1.
Block Diagram
Figure 3. Block Diagram
VCC
VBUS
Power
Path
Control
Logic
VBUS
Gate
Charge Pump
VCC
Gate
Charge Pump
ACP
ACN
SRP
SRN
BATT
HG1
LG1
LX1
BOOT1
Buck
DRIVE
R
HG2
LG2
LX2
BOOT2
Boost
DRIVE
R
REGN
5 V
LDO
1.5 V
LDO
VREF
TSENSE
MUX
DAC
BGATE
Charge Pump
BGATE
INT#
PMON
IOUT
ACOK
SCL
SDA
GND
VCC_
DPO
VCC_
DMO
SMBUS
I/F
BC1. 2 Detector
VBUS
_ DPO
VBUS
_ DMO
VCC_
DMI
VCC_
DPI
VBUS
_DMI
VBUS
_ DPI
PWM
Control
Logic
Control
Logic
DAC
ADC
VREF
BATT
SRN
VBUS
VCC
VFB_ CHG
VFB_ ADP
VFB_ CHG
VFB_ ADP
IADP/ RESET
PROCHOT #
ACGATE2
ACGATE1
REGN
BoS
VCC VBUS
REGN
BATT
VOR
VOR
PWM Control Logic
Power Path Control Logic
Control Logic
Control Logic
VREF_ CHG
VREF_SYS
VREF_ADP
VREF_ BAT
VREF_TRC
VUVLO_BUS
VOVP _BUS
VOVP_VCC
VUVLO_VCC
REGN
VREF
Slope
REGN
xA
xA
ACN
SA1
SA0


Similar Part No. - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99950MUV ROHM-BD99950MUV Datasheet
3Mb / 37P
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
BD99954GW ROHM-BD99954GW Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD99954MWV-E2 ROHM-BD99954MWV-E2 Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
BD9995NUV ROHM-BD9995NUV Datasheet
142Kb / 5P
Silicon monolithic integrated circuits
More results

Similar Description - BD99958GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com