Electronic Components Datasheet Search
  English  ▼

X  

SCT045RI Datasheet(PDF) 2 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT045RI
Description  Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT045RI Datasheet(HTML) 2 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT045RI Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Split core current transformer
test data:
www.yhdc.com
Email:yhdc@yhdc.com
200A:5A  0.5%  1.5VA
Input current(A)
10A(5%)
40A(20%)
100A(50%)
200A(100%)
240A(120%)
Auccuracy(%)
0.2%
0.072%
0.123%
0.164%
0.182%
Angle Difference(points)
95.1′
77.1′
65.7′
55.4′
52.8′
200A:5A  1%  2.5VA
Input current(A)
10A(5%)
40A(20%)
100A(50%)
200A(100%)
240A(120%)
Auccuracy(%)
1.28%
0.858%
0.668%
0.527%
0.487%
Angle Difference(points)
89.3′
71.2′
59.3′
47.8′
45.1′



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com